| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7343L Fiches technique(PDF) 31 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7343L Fiches technique(HTML) 31 Page - ams-OSRAM AG |
|
31 / 53 page ![]() Document Feedback AS7343L Register Description Datasheet • PUBLIC DS001038 • v2-00 • 2022-Aug-12 52 │ 30 Figure 30: AZ_CONFIG Register Addr: 0xDE AZ_CONFIG Bit Bit Name Default Access Bit Description 7:0 AZ_NTH_ITERATION 255 RW AUTOZERO FREQUENCY. Sets the frequency at which the device performs auto zero of the spectral engines. VALUE AUTOZERO FREQUENCY 0 Never (not recommended) 1 Every integration cycle 2 Every 2 cycles … Every “AZ_NTH_ITERATION” cycle 254 Every 254 cycles 255 Only before first measurement cycle CFG8 Register (Address 0xC9) Figure 31: CFG8 Register Addr: 0xC9 CFG8 Bit Bit Name Default Access Bit Description 7:6 FIFO_TH 2 RW FIFO Threshold. Sets a threshold on the FIFO level that triggers the first FIFO buffer interrupt (FINT). VALUE FIFO_LVL 0 1 1 4 2 8 3 16 5:0 Reserved 0 Reserved |