Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS72651 Fiches technique(PDF) 5 Page - ams-OSRAM AG

No de pièce AS72651
Description  Errata Document of Datasheet Version 1-03 or later in combination with firmware Version V1.2.7 or later
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS72651 Fiches technique(HTML) 5 Page - ams-OSRAM AG

  AS72651 Datasheet HTML 1Page - ams-OSRAM AG AS72651 Datasheet HTML 2Page - ams-OSRAM AG AS72651 Datasheet HTML 3Page - ams-OSRAM AG AS72651 Datasheet HTML 4Page - ams-OSRAM AG AS72651 Datasheet HTML 5Page - ams-OSRAM AG AS72651 Datasheet HTML 6Page - ams-OSRAM AG AS72651 Datasheet HTML 7Page - ams-OSRAM AG AS72651 Datasheet HTML 8Page - ams-OSRAM AG AS72651 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AS72651
Errata Sheet
ams Errata Sheet
Page 4
[v1-07] 2018-May-15
Document Feedback
Command
Response
Description and Parameters
ATLED5
<100|0>OK
Reads AS72653 LED_DRV setting: 100=ON, 0=OFF
Workaround
This functionality cannot be implemented using the current firmware update and will be updated in the
next firmware release 11Vx.x and later.
4. Deviation 4: AT commands page 51 figure. 51
Description: Software reset functionality- ATRST is replaced by new command in new firmware update.
AT command ATRST
Command
Response
Description and Parameters
ATRST
None
Software Reset- no response
Workaround:
This functionality is cannot be implemented using the current firmware update and is replaced with a
new command. ATRST replaced by ATSRST for the software reset.
5. Deviation 5: AT commands page 51 figure. 51
Description: This functionality will not work.
AT command ATINTRP
Command
Response
Description and Parameters
ATINTRP=
<value>
OK
Enables AS72651 interrupt operation; 1=ON, 0=OFF
ATINTRP
<100|0>OK
Reads AS72651 Interrupt mode; 1=ON, 0=OFF
Workaround:
This functionality cannot be implemented using the current firmware update and will be updated in the
next firmware release 11Vx.x and later.



Html Pages

1 2 3 4 5 6 7 8 9 10