Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7056 Fiches technique(PDF) 4 Page - ams-OSRAM AG

No de pièce AS7056
Description  Biosignal converting unit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7056 Fiches technique(HTML) 4 Page - ams-OSRAM AG

  AS7056 Datasheet HTML 1Page - ams-OSRAM AG AS7056 Datasheet HTML 2Page - ams-OSRAM AG AS7056 Datasheet HTML 3Page - ams-OSRAM AG AS7056 Datasheet HTML 4Page - ams-OSRAM AG AS7056 Datasheet HTML 5Page - ams-OSRAM AG AS7056 Datasheet HTML 6Page - ams-OSRAM AG AS7056 Datasheet HTML 7Page - ams-OSRAM AG AS7056 Datasheet HTML 8Page - ams-OSRAM AG AS7056 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AS7056
General description
Short Datasheet
• PUBLIC • Document Feedback
DS001052
• v5-00 • 2024-Sep-12
4 / 13
/
Benefits
Features
Enables proximity detection for additional energy
savings
Two independent, programmable sequence blocks
inside the PPG signal acquisition.
Good HRM measurement quality.
Low noise analog optical front-end.
Long operating time.
Hardware sequencer to offload processor.
Adjustable LED driver with current control.
1.2
Applications
•
Earbuds
•
Hearables
•
Optical sensor platform
•
Fitness band
•
Smart watch
•
Smart patches
•
Smart rings
•
Heart rate monitor
•
Cuff-less optical blood pressure measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13