| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1170 Fiches technique(PDF) 25 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1170 Fiches technique(HTML) 25 Page - ams-OSRAM AG |
|
25 / 53 page ![]() AS1170 Detailed description Datasheet • PUBLIC • Document Feedback DS001083 • v2-00 • 2024-Feb-05 25 / 53 / Figure 21: Low voltage current reduction waveform with diagnostic-flash and main-flash phase If the diagnostic flash should be short (e.g. 10 ms) it is recommended to operate this diagnostic flash at slightly higher vin_low_v_run setting compared to the main flash. |