| Moteur de recherche de fiches techniques de composants électroniques |
|
ACTF465A Fiches technique(PDF) 1 Page - Advanced Crystal Technology |
|
|
|||||||||||||||||||||||||||||
ACTF465A Fiches technique(HTML) 1 Page - Advanced Crystal Technology |
|
1 / 3 page ![]() Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com The ACTF465A/465.0/F11 is a compact and economical surface acoustic wave ( SAW ) filter in an F11 package intended for use in mobile radio ( FRS & PMR ) applications. 1. Package Dimension (F-11) 2. 3. Test Circuit Pin Configuration 1 Input / Output 4 Output / Input 2/3 Case Ground Dimensions Data (unit: mm) A 11.0±0.3 B 4.5±0.3 C 3.2±0.3 D 0.45±0.1 E 5.0±0.5 F 2.54±0.2 Issue : 1 C1 Date : SEPT 04 |
Numéro de pièce similaire - ACTF465A |
|
Description similaire - ACTF465A |