| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7264N Fiches technique(PDF) 4 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7264N Fiches technique(HTML) 4 Page - ams-OSRAM AG |
|
4 / 42 page ![]() ams Datasheet Page 3 [v1-00] 2017-Oct-05 Document Feedback AS7264N − Pin Assignments The device pin assignments are described below. Figure 3: Pin Diagram of AS7264N (Top View) Pin Description Figure 4: Pin Description of AS7264N Pin Number Pin Name Description 1 NF Not functional. Do not connect. 2 RESN Reset, active LOW 3 NF Not functional. Do not connect. 4 NF Not functional. Do not connect. 5 NF Not functional. Do not connect. 6 NF Not functional. Do not connect. 7 NF Not functional. Do not connect. 8 NF Not functional. Do not connect. 9 SCL_S I²C slave clock pin 10 SDA_S I²C slave data pin 11 NF Not functional. Do not connect. Pin Assignments 1 5 610 11 15 16 20 |