Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7263-BLGT Fiches technique(PDF) 34 Page - ams-OSRAM AG

No de pièce AS7263-BLGT
Description  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7263-BLGT Fiches technique(HTML) 34 Page - ams-OSRAM AG

Back Button AS7263-BLGT Datasheet HTML 30Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 31Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 32Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 33Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 34Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 35Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 36Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 37Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 38Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Datasheet, Public
Page 33
[v4-00] 2022-Nov-30
Document Feedback
AS7263 − Package Drawings & Markings
Figure 35:
Package Drawing LGA
Note(s):
1. All dimensions are in millimeters. Angles in degrees.
2. Dimensioning and tolerancing conform to ASME Y14.5M-1994.
3. This package contains no lead (Pb).
4. XXXXX = tracecode.
5. This drawing is subject to change without notice.
Package Drawings & Markings
RoHS
Green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46