| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7220 Fiches technique(PDF) 22 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7220 Fiches technique(HTML) 22 Page - ams-OSRAM AG |
|
22 / 33 page ![]() ams Datasheet Page 21 [v1-00] 2017-Feb-16 Document Feedback AS7220 − Package Drawings & Markings Figure 23: Package Drawing Note(s): 1. XXXXX = tracecode 2. Unless otherwise specified, all dimensions are in millimeters. 3. Tolerances: Angular (±0.5°), Two Place Decimal (±0.015), Three Place Decimal (±0.010) 4. Contact finish is Au. 5. This package contains no lead (Pb). 6. This drawing is subject to change without notice. Package Drawings & Markings AS7220 Green RoHS |