Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3722 Fiches technique(PDF) 61 Page - ams-OSRAM AG

No de pièce AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Fiches technique(HTML) 61 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 57Page - ams-OSRAM AG AS3722 Datasheet HTML 58Page - ams-OSRAM AG AS3722 Datasheet HTML 59Page - ams-OSRAM AG AS3722 Datasheet HTML 60Page - ams-OSRAM AG AS3722 Datasheet HTML 61Page - ams-OSRAM AG AS3722 Datasheet HTML 62Page - ams-OSRAM AG AS3722 Datasheet HTML 63Page - ams-OSRAM AG AS3722 Datasheet HTML 64Page - ams-OSRAM AG AS3722 Datasheet HTML 65Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 199 page
background image
Page 60
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- System Functions
Stand-By: Shows different options to enter and leave the stand-by state.
Stand-By Sequence
• Regulators which have the sdX/ldoX_stby_on bit set will
stay active during stand-by
• Regulators which have the sdX/ldoX_stby_on bit set and
are part of the sequence (regX_select_stby) with a
regX_voltage_stby>0 will change to the defined voltage in
the sequence and stay on this voltage during stand_by
• Regulators which are part of the sequence
(regX_select_stby) with a regX_voltage_stby=0 will be
turned off in the sequence.
• Regulators which have the sdX/ldoX_stby_on bit cleared
and are part of the sequence (regX_select_stby) with a
regX_voltage_stby>0 will change to the defined voltage in
the sequence and be turned off at the end of the sequence
• Regulators which have the sdX/ldoX_stby_on bit cleared
and are not part of the sequence will be turned off at the
end of the sequence
Figure 58:
Stand-By Leave
Stand-By Leave: Describes the possibilities of the PMIC to leave the stand-by state
Leave
The chip will come out of stand-by with any IRQ activation (it’s not possible to leave with the
same GPIO you entered stand-by)
If enable1_deepsleep=1 the chip will come out of stand-by with ENABLE1 going HIGH or
the LID or AC_OK interrupt.
Start-Up sequence is provided defined by regX_select_stby, regX_delay_stdby and
delay_time_stby
State
Description
ENABLE1
any interrupt
enable1_deepsleep
wakeup from
stand-by/deep-
sleep
0
1
1
interrupt
masking
1
any interrupt
not masked
set XINT output
lid_int
oc_ok_int
disable_stby_lid_int
disable_stby_acok_int



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More