| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3715 Fiches technique(PDF) 100 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3715 Fiches technique(HTML) 100 Page - ams-OSRAM AG |
|
100 / 159 page ![]() ams Datasheet Page 99 [v1-03] 2015-Aug-10 Document Feedback AS3715 − Register Description Figure 107: GPIOctrl_sd Addr:25h GPIOctrl_sd Bit Bit Name Default Access Bit Description 7:6 gpio_ctrl_sd4 b00 RW_SM Enable GPIO control of DCDC SD4. GPIO ctrl only enabled, if sd4_vsel>0 0 : No GPIO control 1 : Controlled by GPIO1 2 : Controlled by GPIO2 3 : Controlled by GPIO3 5:4 gpio_ctrl_sd3 b00 RW_SM Enable GPIO control of DCDC SD3. GPIO ctrl only enabled, if sd3_vsel>0 0 : No GPIO control 1 : Controlled by GPIO1 2 : Controlled by GPIO2 3 : Controlled by GPIO3 3:2 gpio_ctrl_sd2 b00 RW_SM Enable GPIO control of DCDC SD2. GPIO ctrl only enabled, if sd2_vsel>0 0 : No GPIO control 1 : Controlled by GPIO1 2 : Controlled by GPIO2 3 : Controlled by GPIO3 1:0 gpio_ctrl_sd1 b00 RW_SM Enable GPIO control of DCDC SD1. GPIO ctrl only enabled, if sd1_vsel>0 0 : No GPIO control 1 : Controlled by GPIO1 2 : Controlled by GPIO2 3 : Controlled by GPIO3 |