| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3418 Fiches technique(PDF) 7 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3418 Fiches technique(HTML) 7 Page - ams-OSRAM AG |
|
7 / 78 page ![]() Document Feedback AS3418 Pin Assignment Datasheet • PUBLIC DS000507 • v4-00 • 2020-Jan-23 77 │ 6 3 Pin Assignment 3.1 Pin Diagram Figure 3 : Pin Assignment AS3418 3.2 Pin Description Figure 4: Pin Description of AS3418 Pin Number Pin Name Pin Type (1) Description A1 IOP1R ANA IN ANC filter OPAMP1 input - right channel. A2 QMICR ANA OUT ANC microphone preamplifier output - right channel. A3 MICR ANA IN ANC microphone preamplifier input - right channel. A4 VNEG SUP OUT VNEG charge pump output terminal. This output provides the negative amplifier supply voltage for all OPAMPs and the headphone amplifier. A2 QMICR A3 MICR A4 VNEG A5 GND B2 HPR B3 MICACR B4 CPN B5 LINR C2 QOP1R C3 QOP1L C4 CPP C5 ANC/ CSDA D2 HPL D3 MICACL D4 TRSDA D5 AGND A6 VBAT B6 LINL C6 MODE/ CSCL D6 TRSCL E2 QMICL E3 MICL E4 MICS E5 MSUP E6 ILED A1 IOP1R B1 BPR C1 VNEG D1 BPL E1 IOP1L |