Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3412 Fiches technique(PDF) 82 Page - ams-OSRAM AG

No de pièce AS3412
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412 Fiches technique(HTML) 82 Page - ams-OSRAM AG

Back Button AS3412 Datasheet HTML 77Page - ams-OSRAM AG AS3412 Datasheet HTML 78Page - ams-OSRAM AG AS3412 Datasheet HTML 79Page - ams-OSRAM AG AS3412 Datasheet HTML 80Page - ams-OSRAM AG AS3412 Datasheet HTML 81Page - ams-OSRAM AG AS3412 Datasheet HTML 82Page - ams-OSRAM AG AS3412 Datasheet HTML 83Page - ams-OSRAM AG AS3412 Datasheet HTML 84Page - ams-OSRAM AG AS3412 Datasheet HTML 85Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 82 / 85 page
background image
ams Datasheet
Page 81
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Document Status
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade
Datasheet (discontinued)
Discontinued
Information in this datasheet is based on products which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade, but these products have been superseded and
should not be used for new designs
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85