Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPZB260ADP Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce SPZB260ADP
Description  Adapter board
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPZB260ADP Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button SPZB260ADP Datasheet HTML 3Page - STMicroelectronics SPZB260ADP Datasheet HTML 4Page - STMicroelectronics SPZB260ADP Datasheet HTML 5Page - STMicroelectronics SPZB260ADP Datasheet HTML 6Page - STMicroelectronics SPZB260ADP Datasheet HTML 7Page - STMicroelectronics SPZB260ADP Datasheet HTML 8Page - STMicroelectronics SPZB260ADP Datasheet HTML 9Page - STMicroelectronics SPZB260ADP Datasheet HTML 10Page - STMicroelectronics SPZB260ADP Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SPZB260ADP
Mechanical drawing
9/11
5
Mechanical drawing
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 7.
Adapter mechanical drawing
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11