Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1130-BSST Fiches technique(PDF) 46 Page - ams-OSRAM AG

No de pièce AS1130-BSST
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BSST Fiches technique(HTML) 46 Page - ams-OSRAM AG

Back Button AS1130-BSST Datasheet HTML 42Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 43Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 44Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 45Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 46Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 47Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 48Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 49Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 50Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
ams Datasheet
Page 45
[v2-01] 2016-Oct-12
Document Feedback
AS1130 − Register Description
Shutdown & Open/Short Register (0x09)
Per default this register is set to 0x02.
Figure 48:
Shutdown & Open/Short Register Format
The scan limit (0x04) defines also the number of segments for
the open/short detection.
0x09 Shutdown & Open/Short Register
Bit
Bit Name
Default
Access
Bit Description
7:5
-
000
n/a
4test_all
0
R/W
The LED open/short test is performed on all LED
locations
0: Disabled (unassembled or disabled LEDs will be
detected as open)
1: Enabled (unassembled LEDs will be detected as
open)
3auto_test
0
R/W
The automatic LED open/short test is started when
bit display_pic (0x00) or bit display_movie (0x01) is set
to “1”
0: Disabled
1: Enabled
2manual_test
0
R/W
The manual LED open/short test is started after the
update of Reg0x09
0: Disabled
1: Enabled
1init
1
R/W
0: Initialise control logic (internal state machine is
reset again)
1: Normal operation
0shdn
0
R/W
0: Device is in shutdown mode (outputs are turned off,
internal state machine stops)
1: Normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67