Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1113 Fiches technique(PDF) 25 Page - ams-OSRAM AG

No de pièce AS1113
Description  50mA, 16-Channel LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1113 Fiches technique(HTML) 25 Page - ams-OSRAM AG

Back Button AS1113 Datasheet HTML 18Page - ams-OSRAM AG AS1113 Datasheet HTML 19Page - ams-OSRAM AG AS1113 Datasheet HTML 20Page - ams-OSRAM AG AS1113 Datasheet HTML 21Page - ams-OSRAM AG AS1113 Datasheet HTML 22Page - ams-OSRAM AG AS1113 Datasheet HTML 23Page - ams-OSRAM AG AS1113 Datasheet HTML 24Page - ams-OSRAM AG AS1113 Datasheet HTML 25Page - ams-OSRAM AG AS1113 Datasheet HTML 26Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1113
Revision 1.04
23 - 24
AS1113
Datasheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The device is available as the standard products shown in Table 9.
Note: All products are RoHS compliant and Pb-free.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 9. Ordering Information
Ordering Code
Description
Delivery Form
Package
AS1113-BSSU
50mA, 16-Channel LED Driver with Diagnostics
Tubes
24-pin SSOP
AS1113-BSST
50mA, 16-Channel LED Driver with Diagnostics
Tape and Reel
24-pin SSOP
AS1113-BQFR
50mA, 16-Channel LED Driver with Diagnostics
Tray
28-pin QFN (5x5mm)
AS1113-BQFT
50mA, 16-Channel LED Driver with Diagnostics
Tape and Reel
28-pin QFN (5x5mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26