| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1109-BQFR Fiches technique(PDF) 22 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1109-BQFR Fiches technique(HTML) 22 Page - ams-OSRAM AG |
|
22 / 26 page ![]() www.ams.com/LED-Driver-ICs/AS1109 Revision 1.21 20 - 24 AS1109 Datasheet - Pack a ge Drawin gs and Ma r k ings 10 Package Drawings and Markings The product is available in a 16-pin SOIC-150, 16-pin QSOP-150, and 16-pin QFN 4x4mm package. Figure 25. 16-pin SOIC-150 Package Marking: YYWWRZZ. YY WW R ZZ Last two digits of the current year Manufacturing Week Plant identifier Traceability code Symbol Min Nom Max A- - 1.75 A1 0.10 - 0.25 A2 1.25 - - b0.31 - 0.51 c0.17 - 0.25 D - 9.90 BSC - E - 6.00 BSC - E1 - 3.90 BSC - e - 1.27 BSC - L0.40 - 1.27 L1 - 1.40 REF - L2 - 0.25 BSC - R0.07 - - Symbol Min Nom Max R1 0.07 - h0.25 - 0.50 Θ 0º - 8º Θ1 5º - 15º Θ20º - - aaa - 0.10 - bbb - 0.20 - ccc - 0.10 - ddd - 0.25 - eee - 0.10 - fff - 0.15 - ggg - 0.15 - N16 AS1109B YYWWRZZ Notes: 1. Dimensioning & tolerancing conform to ASME Y14.5M-1994. 2. All dimensions are in millimeters. Angles are in degrees. |