Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1111 Fiches technique(PDF) 21 Page - ams-OSRAM AG

No de pièce AS1111
Description  Low–Dropout LED Drivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1111 Fiches technique(HTML) 21 Page - ams-OSRAM AG

Back Button AS1111 Datasheet HTML 15Page - ams-OSRAM AG AS1111 Datasheet HTML 16Page - ams-OSRAM AG AS1111 Datasheet HTML 17Page - ams-OSRAM AG AS1111 Datasheet HTML 18Page - ams-OSRAM AG AS1111 Datasheet HTML 19Page - ams-OSRAM AG AS1111 Datasheet HTML 20Page - ams-OSRAM AG AS1111 Datasheet HTML 21Page - ams-OSRAM AG AS1111 Datasheet HTML 22Page - ams-OSRAM AG AS1111 Datasheet HTML 23Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-06] 2015-Apr-07
AS1111 − Document Status
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade
Datasheet (discontinued)
Discontinued
Information in this datasheet is based on products which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade, but these products have been superseded and
should not be used for new designs
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23