| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1109 Fiches technique(PDF) 11 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1109 Fiches technique(HTML) 11 Page - ams-OSRAM AG |
|
11 / 26 page ![]() www.ams.com/LED-Driver-ICs/AS1109 Revision 1.21 9 - 24 AS1109 Datasheet - Detailed Descr i p ti on Figure 12. Data Input Timing Diagram Figure 13. Data Input Example Timing Diagram SDI CLK OEN LD SDO 8 CLK Pulses tSU(OE) tW(L) tSU(L tW(OE) tH(D) tP1 Data Bit 7 Data Bit 6 Data Bit 5 Data Bit 4 Data Bit 3 Data Bit 2 Data Bit 1 Data Bit 0 Old Data Bit 7 Old Data Bit 6 Old Data Bit 5 Old Data Bit 4 Old Data Bit 3 Old Data Bit 2 Old Data Bit 1 Old Data Bit 0 Don’t Care Don’t Care tSU(D) SDI OEN LD OUTN0 OUTN1 OUTN7 OUTN2 OUTN3 OUTN4 OUTN5 OUTN6 Off On Off On Off On Off On Off On Off On Off On Off On D6 D7 D5 D4 D3 D2 D1 D0 1 2 3 4 5 6 7 Time = 0 CLK |