Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1108WL Fiches technique(PDF) 13 Page - ams-OSRAM AG

No de pièce AS1108WL
Description  4-Digi t LED Display Dr iver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1108WL Fiches technique(HTML) 13 Page - ams-OSRAM AG

Back Button AS1108WL Datasheet HTML 9Page - ams-OSRAM AG AS1108WL Datasheet HTML 10Page - ams-OSRAM AG AS1108WL Datasheet HTML 11Page - ams-OSRAM AG AS1108WL Datasheet HTML 12Page - ams-OSRAM AG AS1108WL Datasheet HTML 13Page - ams-OSRAM AG AS1108WL Datasheet HTML 14Page - ams-OSRAM AG AS1108WL Datasheet HTML 15Page - ams-OSRAM AG AS1108WL Datasheet HTML 16Page - ams-OSRAM AG AS1108WL Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1108
Revision 2.13
11 - 20
AS1108
Datasheet - D e t a i l e d D e s c r i p t i o n
Display-Test Register (0xXF)
The AS1108 can operate in two modes: normal mode and display test mode. In display test mode all LEDs are
switched on at maximum brightness (duty cycle is 15/16). The device remains in display-test mode until the Display-
Test Register is set for normal operation.
Note: All settings of the Digit- and Control-Registers are maintained.
6
X
0
1
1
0
1
0
1
1
1
1
1
7
X
0
1
1
1
1
1
1
0
0
0
0
8
X
1
0
0
0
1
1
1
1
1
1
1
9
X
1
0
0
1
1
1
1
1
0
1
1
-
X
1
0
1
0
0
0
0
0
0
0
1
E
X
1
0
1
1
1
0
0
1
1
1
1
H
X
1
1
0
0
0
1
1
0
1
1
1
L
X
1
1
0
1
0
0
0
1
1
1
0
P
X
1
1
1
0
1
1
0
0
1
1
1
Blank
X
1
1
1
1
0
0
0
0
0
0
0
†
The decimal point is enabled by setting bit D7 = 1.
Table 11. HEX Font
7-Segment
Character
Register Data
On Segments = 1
D7
†
D6:D4
D3
D2
D1
D0
DP
†
A
B
C
D
E
F
G
0
X
0
0
0
0
1
1
1
1
1
1
0
1
X
0
0
0
1
0
1
1
0
0
0
0
2
X
0
0
1
0
1
1
0
1
1
0
1
3
X
0
0
1
1
1
1
1
1
0
0
1
4
X
0
1
0
0
0
1
1
0
0
1
1
5
X
0
1
0
1
1
0
1
1
0
1
1
6
X
0
1
1
0
1
0
1
1
1
1
1
7
X
0
1
1
1
1
1
1
0
0
0
0
8
X
1
0
0
0
1
1
1
1
1
1
1
9
X
1
0
0
1
1
1
1
1
0
1
1
A
X
1
0
1
0
1
1
1
0
1
1
1
b
X
1
0
1
1
0
0
1
1
1
1
1
C
X
1
1
0
0
1
0
0
1
1
1
0
d
X
1
1
0
1
0
1
1
1
1
0
1
E
X
1
1
1
0
1
0
0
1
1
1
1
F
X
1
1
1
1
1
0
0
0
1
1
1
†
The decimal point is enabled by setting bit D7 = 1.
Table 12. No-Decode Mode Data Bits and Corresponding Segment Lines
D7
D6
D5
D4
D3
D2
D1
D0
Corresponding Segment Line
DP
A
B
C
D
E
F
G
Table 13. Display-Test Register Format (Address (HEX) = 0xXF))
Mode
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Normal Operation
X
X
X
X
X
X
X
0
Display Test Mode
X
X
X
X
X
X
X
1
Table 10. Code-B Font (Continued)
7-Segment
Character
Register Data
On Segments = 1
D7
†
D6:D4
D3
D2
D1
D0
DP
†
A
B
C
D
E
F
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22