| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1105 Fiches technique(PDF) 10 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1105 Fiches technique(HTML) 10 Page - ams-OSRAM AG |
|
10 / 17 page ![]() www.ams.com/LED-Driver-ICs/AS1105 Revision 1.36 8 - 15 AS1105 Datasheet - Detailed Descr i p ti on Note: In the above table, the decimal point (DP) is set by bit D7 = 1 Table 6. Shutdown Register Format (address (hex) = 0xXC) Mode Address Code (Hex) Register Data D7 D6 D5 D4 D3 D2 D1 D0 Shutdown Mode 0xXC X X X X X X X 0 Normal Operation 0xXC X X X X X X X 1 Table 7. Decode-mode Register Examples (address (hex) = 0xX9) Decode Mode Register Data Hex Code D7 D6 D5 D4 D3 D2 D1 D0 No decode for digits 4–0 0 0 0 0 0 0 0 0 0x00 Code B decode for digit 0 No decode for digits 4–1 0 0 0 0 0 0 0 1 0x01 Code B decode for digits 3–0 0 0 0 0 1 1 1 1 0x0F Code B decode for digits 4–0 1 1 1 1 1 1 1 1 0xFF Table 8. Code B Font 7-Segment Character Register Data On Segments = 1 D7 D6-D4 D3 D2 D1 D0 DP A B C D E F G 0X 0 0 0 0 1 1 1 1 1 1 0 1X 0 0 0 1 0 1 1 0 0 0 0 2X 0 0 1 0 1 1 0 1 1 0 1 3X 0 0 1 1 1 1 1 1 0 0 1 4X 0 1 0 0 0 1 1 0 0 1 1 5X 0 1 0 1 1 0 1 1 0 1 1 6X 0 1 1 0 1 0 1 1 1 1 1 7X 0 1 1 1 1 1 1 0 0 0 0 8X 1 0 0 0 1 1 1 1 1 1 1 9X 1 0 0 1 1 1 1 1 0 1 1 -- X 1 0 1 0 0 0 0 0 0 0 1 EX 1 0 1 1 1 0 0 1 1 1 1 HX 1 1 0 0 0 1 1 0 1 1 1 LX 1 1 0 1 0 0 0 1 1 1 0 PX 1 1 1 0 1 1 0 0 1 1 1 blank X 1 1 1 1 0 0 0 0 0 0 0 Table 9. No-decode Mode Data Bits and Corresponding Segment Lines Register Data D7 D6 D5 D4 D3 D2 D1 D0 Corresponding Segment Line DP A B C D E F G |