| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1100 Fiches technique(PDF) 17 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1100 Fiches technique(HTML) 17 Page - ams-OSRAM AG |
|
17 / 18 page ![]() www.austriamicrosystems.com/LED-Driver-ICs/AS1100 Revision 1.37 15 - 16 AS1100 Datasheet - O r d e r i n g I n f o r m a t i o n 11 Ordering Information The device is available as the standard products shown in Table 18. Note: All products are RoHS compliant and austriamicrosystems green. Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect Technical Support is found at http://www.austriamicrosystems.com/Technical-Support For further information and requests, please contact us mailto:sales@austriamicrosystems.com or find your local distributor at http://www.austriamicrosystems.com/distributor Table 18. Ordering Information Ordering Code Marking Description Temp Range Delivery Form Package AS1100WL AS1100WL Serially Interfaced, 8-Digit LED Driver 0ºC to +70ºC Tubes SOIC 24-pin AS1100WE AS1100WE Serially Interfaced, 8-Digit LED Driver -40ºC to +85ºC Tubes SOIC 24-pin AS1100WL-T AS1100WL Serially Interfaced, 8-Digit LED Driver 0ºC to +70ºC Tape & Reel SOIC 24-pin AS1100WE-T AS1100WE Serially Interfaced, 8-Digit LED Driver -40ºC to +85ºC Tape & Reel SOIC 24-pin |