Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACTF9019 Fiches technique(PDF) 2 Page - Advanced Crystal Technology

No de pièce ACTF9019
Description  low-loss, compact and economical surface acoustic wave (SAW) RF filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACT [Advanced Crystal Technology]
Site Internet  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9019 Fiches technique(HTML) 2 Page - Advanced Crystal Technology

  ACTF9019 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9019 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9019 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
3 OF 3
4. Typical Frequency Response
5. Performance
5-1.Maximum ratings
Rating
Value
Units
Input Power Level
0
dBm
DC Voltage
0
V
Operable temperature range
-40 to +85
°C
Storage temperature range
-40 to +85
°C
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3