| Moteur de recherche de fiches techniques de composants électroniques |
|
ACTF9015 Fiches technique(PDF) 2 Page - Advanced Crystal Technology |
|
|
|||||||||||||||||||||||||||||
ACTF9015 Fiches technique(HTML) 2 Page - Advanced Crystal Technology |
|
2 / 3 page ![]() Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com 2 OF 3 4. Frequency Characteristics 5.Performance 5-1.Maximum Ratings Rating Value Units Input Power Level 10 dBm DC Voltage 0 V Storage Temperature -40 to +85 °C Soldering Temperature +235 °C Issue : 1 C1 Date : SEPT 04 |