| Moteur de recherche de fiches techniques de composants électroniques |
|
CON720RHD Fiches technique(PDF) 13 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CON720RHD Fiches technique(HTML) 13 Page - Clarke International |
|
13 / 16 page ![]() 13 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com MAINTENANCE BEFORE USE 1. Ensure all fixing screws remain tight to maintain a safe working condition. 2. Inspect the power cable to ensure it is sound and free from cracks, bare wires etc. CLEANING 1. Ensure all air ventilation slots are clear of blockages, (use compressed air to clean the machine if possible). 2. After use, clean all dust and swarf from the drill. 3. Clean the exterior of the drill with a soft cleaning cloth. Never use any chemicals or harsh abrasives to clean the tool. • Avoid using solvents when cleaning plastic parts, most plastics are susceptible to damage from the various types of commercial solvents. GENERAL MAINTENANCE • All bearings etc, in this tool are lubricated with a sufficient amount of high grade lubricant for the tools lifetime under normal operating conditions, therefore no further lubrication is necessary. • Refer to your CLARKE dealer if internal maintenance is required. INDICATORS The Green indicator is a 'Power present' indicator. This illuminates when the product is plugged into a live socket. The Red indicator is a brush wear indicator. It illuminates when the motor brushes need replacing, Refer to your clarke dealer. WARNING: MAKE SURE THAT THE 5 FUNCTION ROTARY HAMMER DRILL IS SWITCHED OFF AND DISCONNECTED FROM THE MAINS SUPPLY BEFORE STARTING ANY CLEANING OR MAINTENANCE PROCEDURES. |