| Moteur de recherche de fiches techniques de composants électroniques |
|
M74HC652M1R Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M74HC652M1R Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 12 page ![]() AC ELECTRICAL CHARACTERISTICS (Continued) Symbol Parameter Test Conditions Value Unit VCC (V) CL (pF) TA =25 oC -40 to 85 oC Min. Typ. Max. Min. Max. tPLH tPHL Propagation Delay Time (SELECT - BUS) 2.0 50 81 170 215 ns 4.5 23 34 43 6.0 20 29 37 2.0 150 98 210 265 ns 4.5 28 42 53 6.0 24 36 45 tPZL tPZH 3-State Output Enable Time 2.0 50 RL =1 K Ω 74 175 220 ns 4.5 21 35 44 6.0 18 30 37 2.0 150 RL =1 K Ω 91 215 270 ns 4.5 26 43 54 6.0 22 37 46 tPLZ tPHZ Output Disable Time 2.0 50 RL =1 K Ω 50 175 220 ns 4.5 21 35 44 6.0 18 30 37 fMAX Maximum Clock Frequency 2.0 50 6 19 4.8 MHz 4.5 30 67 24 6.0 35 79 28 tW(H) tW(L) Minimum Clock Pulse Width 2.0 50 30 75 95 ns 4.5 7 15 19 6.0 6 13 16 ts Minimum Set-up Time 2.0 50 16 50 65 ns 4.5 4 10 13 6.0 3 9 11 th Minimum Hold Time 2.0 50 55 ns 4.5 5 5 6.0 5 5 CIN Input Capacitance 5 10 10 pF CI/O Bus Terminal Capacitance 10 pF CPD (*) Power Dissipation Capacitance for HC651 for HC652 39 38 pF (*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD •VCC •fIN +ICC/8 (per Channel) M74HC651/652 7/12 |