| Moteur de recherche de fiches techniques de composants électroniques |
|
ACT9200SSC Fiches technique(PDF) 6 Page - Advanced Crystal Technology |
|
|
|||||||||||||||||||||||||||||
ACT9200SSC Fiches technique(HTML) 6 Page - Advanced Crystal Technology |
|
6 / 6 page ![]() Tel : +44 118 979 1238 Fax : +44 118 979 1283 email : info@actcrystals.com REEL TAPE In line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com Issue:5 M6 Date:01/02/06 ISO9001: 2000 Registered 16.0 4.0 2.0 1.5 7.7 5.3 1.8 8.0 A±0.1 B±0.1 C±0.1 D±1.0 E±0.1 F±0.1 G±0.05 H+0.1-0 mm 20.2 13 G±2.0 mm 62 16.5 20.5 ACT9200SSC TAPE & REEL SPECIFICATIONS 180 2.2 C±0.2 N±1.0 T±0.1 A B±0.5 D±1.0 6 of 6 |