Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CON320 Fiches technique(PDF) 7 Page - Clarke International

No de pièce CON320
Description  ORBITAL SANDER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARKE [Clarke International]
Site Internet  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON320 Fiches technique(HTML) 7 Page - Clarke International

Back Button CON320 Datasheet HTML 3Page - Clarke International CON320 Datasheet HTML 4Page - Clarke International CON320 Datasheet HTML 5Page - Clarke International CON320 Datasheet HTML 6Page - Clarke International CON320 Datasheet HTML 7Page - Clarke International CON320 Datasheet HTML 8Page - Clarke International CON320 Datasheet HTML 9Page - Clarke International CON320 Datasheet HTML 10Page - Clarke International CON320 Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
BEFORE USE
The sander is supplied with the following items:
• Dust extract filter
• 4 x P60 Sanding sheets
• 3 x 120 Sanding sheets
• 3 x 240 Sanding sheets
DUST EXTRACTION
FITTING THE DUST EXTRACTION FILTER
1. Attach the dust extractor filter by
pushing the filter onto the rear of
the sander as far as it will go and
then twisting clockwise until it
locks into place.
• The filter housing has lugs to
align and secure it. Note their
position matches those on the
sander body before assembly.
NOTE: The user should still wear a
face mask to prevent the inhalation of dust particles.
NOTE: Due to the nature of the tool, some of the dust produced will be forced
into the surrounding atmosphere and will not be collected.
WARNING: HARMFUL OR TOXIC DUST MAY BE PRODUCED WHEN
SANDING LEAD PAINTED SURFACES, WOODS OR METAL. CONTACT WITH,
OR INHALATION OF THESE DUSTS CAN ENDANGER THE HEALTH OF THE
OPERATOR OR BYSTANDERS. CERTAIN DUSTS LIKE OAK AND BEECH ARE
CONSIDERED TO BE CANCEROUS IN CONJUNCTION WITH ADDITIVES IN
WOOD TREATMENTS (CHROMATE, WOOD PRESERVATIVES). ASBESTOS-
CONTAINING MATERIALS MAY ONLY BE HANDLED BY EXPERTS.
WARNING: - USE A DUST EXTRACTION DEVICE OR A VACUUM CLEANER.
WARNING: - WORK IN A WELL VENTILATED ROOM. - THE USE OF A DUST
MASK FILTER CLASS P2 IS RECOMMENDED. - OBSERVE LOCAL
REGULATIONS REGARDING THE HANDLING OF CERTAIN MATERIALS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12