| Moteur de recherche de fiches techniques de composants électroniques |
|
DMN Fiches technique(PDF) 1 Page - KITAGAWA GmbH |
|
|
|||||||||||||||||||||||||||||
DMN Fiches technique(HTML) 1 Page - KITAGAWA GmbH |
|
|
1 / 1 page ![]() UL94 V-2 (V-0*) ● Fixed with 2 x M3 screw ● Nylon 66 (Color: Natural) * For V0 type, “V0” is added to the end of the part No. (With regard to lot size and lead time, please contact us.) Features Material Std. Package: 500 pcs. DMN-7.5 WIRE MOUNT / DMN (Unit: mm) Cable Clip with screw fixation 53 |
Numéro de pièce similaire - DMN |
|
Description similaire - DMN |