Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT9PSV-6 Fiches technique(PDF) 2 Page - Advanced Crystal Technology

No de pièce ACT9PSV-6
Description  4 & 6 pad miniature surface mount Voltage Controlled Crystal Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACT [Advanced Crystal Technology]
Site Internet  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9PSV-6 Fiches technique(HTML) 2 Page - Advanced Crystal Technology

  ACT9PSV-6 Datasheet HTML 1Page - Advanced Crystal Technology ACT9PSV-6 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STANDARD REEL SIZE 1000PCS
Maximum re-flow profile
email :
info@actcrystals.com
ACT9PSV-4/6 TAPE AND REEL DIMENSIONS (mm)
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
http://www.actcrystals.com
ISO9001:2000 Registered
For quotations or further information please contact us at:
ACT9PSV
Issue: 5 D2
Date: 15/11/05
2 of 2



Html Pages

1 2