| Moteur de recherche de fiches techniques de composants électroniques |
|
ACTR2 Fiches technique(PDF) 1 Page - Advanced Crystal Technology |
|
|
|||||||||||||||||||||||||||||
ACTR2 Fiches technique(HTML) 1 Page - Advanced Crystal Technology |
|
1 / 3 page ![]() Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com The ACTR2/3N/55.24/61.24/SF712 is a true one-port surface-acoustic-wave (SAW) resonator in a low-profile SF712 case intended for the US channel RF modulator. ( NTSC2/3 ) 1.Package Dimension (SF712) 2. 3 Measuring Circuit for Resonant Loss 4.Typical Application Circuit Pins Configuration 1 2CH 2 3CH 3 Case Ground 4 Common Sign Data (unit: mm) Sign Data (unit: mm) A 5.0/8.0 E 12.0 B 3.5 F 7.2 C 0.5 G 2.0 D 2.54 Issue : 1 C1 Date : SEPT 04 |
Numéro de pièce similaire - ACTR2 |
|
Description similaire - ACTR2 |