Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACTF46 Fiches technique(PDF) 6 Page - Advanced Crystal Technology

No de pièce ACTF46
Description  This specification covers the characteristics of the following SAW Duplexer used for the cordless phones:
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACT [Advanced Crystal Technology]
Site Internet  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF46 Fiches technique(HTML) 6 Page - Advanced Crystal Technology

  ACTF46 Datasheet HTML 1Page - Advanced Crystal Technology ACTF46 Datasheet HTML 2Page - Advanced Crystal Technology ACTF46 Datasheet HTML 3Page - Advanced Crystal Technology ACTF46 Datasheet HTML 4Page - Advanced Crystal Technology ACTF46 Datasheet HTML 5Page - Advanced Crystal Technology ACTF46 Datasheet HTML 6Page - Advanced Crystal Technology ACTF46 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Transfer function channel 49 (pass band):
Isolation between 46 and 49:
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3 4 5 6 7