Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7541TR Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce TDA7541TR
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541TR Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button TDA7541TR Datasheet HTML 39Page - STMicroelectronics TDA7541TR Datasheet HTML 40Page - STMicroelectronics TDA7541TR Datasheet HTML 41Page - STMicroelectronics TDA7541TR Datasheet HTML 42Page - STMicroelectronics TDA7541TR Datasheet HTML 43Page - STMicroelectronics TDA7541TR Datasheet HTML 44Page - STMicroelectronics TDA7541TR Datasheet HTML 45Page - STMicroelectronics TDA7541TR Datasheet HTML 46Page - STMicroelectronics TDA7541TR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 76 page
background image
TDA7541
Software specification
43/76
Data bytes which are unused or dedicated for testing only don't need to be written, because
they are set internally to FEH (power on reset condition). But if somebody it writing these
bytes they must be written to FEH, otherwise some malfunction of the chip can happen.
T Weak signal mute
11
WMD7
WMD6
WMD5
WMTH4
WMTH3
WMTH2
WBON
ISSON
T AM IF NB
12
IFAGCS
AINT6
AINT5
AINTH4
AINTH3
AINTH2
AINTH1
AINENA
T XTAL adjust
13
SL7
SL6
SL5
XTAL4
XTAL3
XTAL2
XTAL1
XTAL0
T IF adjust
14
IF1G7
IF1G6
IF2Q5
IF2Q4
IF2A3
IF2A2
IF2A1
IF2A0
T IQ adjust/Switch
15
DSB7
DSB6
SWM
SW
PH3
PH2
PH1
PH0
T FM keying AGC
16
FSWO7
FSWO6
RFK
KAGC4
KAGC3
KAGC2
ODCUR
ODENA
SD Roll off
17
LG7
LG6
LG5
LG4
ROC3
ROC2
ROC1
ROC0
SD Stereo blend
18
AMCF7
AMCF6
AMCF5
ASI
PTH
SBC2
SBC1
SBC0
SD High cut
19
DEEMP
HCLT6
HCLT5
HCHT4
HCHT3
HCMAX2 HCMAX1
HCENA
SD MP
20
MS
MPFAST
MPINT
MPCC
MPRG3
MPRG2
MPG1
MPG0
SD quality
21
NBFC7
NBFC6
NBDC5
NBDC4
QNG3
QNG2
QDC1
QDC0
SD Audio NB I
22
NBCT7
NBCT6
NBLT5
NBLT4
NBLT3
NBT2
NBT1
NBENA
SD Audio NB II
23
PCM
VCON
NBSMP
NBMP
NBRR2
NBRR1
NBPC
SD Testing
24
T PLL/IFC Testing
25
EWEXP
IFSEXP
1
1
1
1
1
1
T Testing
26
T Testing
27
T Testing
28
T Testing
29
Not used
30
Not used
31
Table 13.
Address organization (continued)
Function
Addr
D7
D6
D5
D4
D3
D2
D1
D0
T
Tuner
SD
Stereo decoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76