Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT75VT-4 Fiches technique(PDF) 2 Page - Advanced Crystal Technology

No de pièce ACT75VT-4
Description  a range of TC/ VCTCXOs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACT [Advanced Crystal Technology]
Site Internet  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT75VT-4 Fiches technique(HTML) 2 Page - Advanced Crystal Technology

  ACT75VT-4 Datasheet HTML 1Page - Advanced Crystal Technology ACT75VT-4 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tape / Reel Dimensions ( Units in mm )
Soldering Reflow Information
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Supply Voltage, Frequency Stability, Operating Temperature Range, Polarity & Package
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
ACT75VT- 4 / ACT75T- 4 TAPE & REEL SPECIFICATIONS
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Issue : 3 B3
Date : 15/02/05
2 of 2



Html Pages

1 2