| Moteur de recherche de fiches techniques de composants électroniques |
|
BRE Fiches technique(PDF) 1 Page - KITAGAWA GmbH |
|
|
|||||||||||||||||||||||||||||
BRE Fiches technique(HTML) 1 Page - KITAGAWA GmbH |
|
|
1 / 1 page ![]() 34 BRE-20-30-15 BRE-23-33-15 BRE-50-65-25 BRE-50-80-25 BRE-35-45-15 BRE-76-102-25 BRE-16-25-10 Highly effective measure for EMC noise suppression in broad frequency band ● Effective for suppression of conducted/radiated noise. ● High impedance characteristics decrease the number of cable turns. ● Since the variation in impedance characteristics against temperature is small, stable effect is ensured in wide temperature range. ● Plastic housing provides higher insulation properties. ● The material of the plastic housing is UL94V-0 certified. Feature Unit:mm Part No. A B C 27.5 33.5 36.3 48.6 68.4 84.0 107.9 13.8 17.7 21.0 31.6 46.7 47.0 70.2 12.6 17.9 18.0 18.5 28.7 29.2 30.4 BRE-16-25-10 BRE-20-30-15 BRE-23-33-15 BRE-35-45-15 BRE-50-65-25 BRE-50-80-25 BRE-76-102-25 Impedance* Ω/1MHz (1turn) ≧ 28 ≧ 36 ≧ 28 ≧ 21 ≧ 34 ≧ 38 ≧ 31 φA C φB Impedance vs frequency ● Core: Nanocrystalline Alloys Housing: PBT (Color:Black/Flammability:UL94V-0) Material BROAD EFFECT CORE /BRE |
Numéro de pièce similaire - BRE |
|
Description similaire - BRE |