Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P3100SC Fiches technique(PDF) 5 Page - HUAAN LIMITED

No de pièce P3100SC
Description  Thyristor Surge Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HUAAN [HUAAN LIMITED]
Site Internet  http://www.huaandz.com/
Logo HUAAN - HUAAN LIMITED

P3100SC Fiches technique(HTML) 5 Page - HUAAN LIMITED

  P3100SC Datasheet HTML 1Page - HUAAN LIMITED P3100SC Datasheet HTML 2Page - HUAAN LIMITED P3100SC Datasheet HTML 3Page - HUAAN LIMITED P3100SC Datasheet HTML 4Page - HUAAN LIMITED P3100SC Datasheet HTML 5Page - HUAAN LIMITED P3100SC Datasheet HTML 6Page - HUAAN LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P0080SA Thru P3500SC
Dimensions - DO-214AA
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.134
0.155
3.40
3.94
B
0.205
0.22
5.21
5.59
C
0.075
0.083
1.90
2.11
D
0.166
0.185
4.22
4.70
E
0.036
0.056
0.91
1.42
F
0.073
0.087
1.85
2.2
G
0.002
0.008
0.05
0.20
H
0.077
0.094
1.95
2.40
J
0.043
0.053
1.09
1.35
K
0.008
0.014
0.20
0.35
L
0.039
0.049
0.99
1.24
Specifications are subject to change without notice
5
Tel: +86-755-27465585
HUAAN LIMITED
www.huaandz.com
Email: sales@huaandz.com



Html Pages

1 2 3 4 5 6