| Moteur de recherche de fiches techniques de composants électroniques |
|
F24 Fiches technique(PDF) 77 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
F24 Fiches technique(HTML) 77 Page - Renesas Technology Corp |
|
77 / 210 page ![]() RL78/F23, F24 3. ELECTRICAL SPECIFICATIONS (GRADE 3) R01DS0446EJ0120 Rev.1.20 Page 77 of 207 Dec 31, 2025 CSI mode serial transfer timing (master mode) (during communication at different potential) (When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1) CSI mode serial transfer timing (master mode) (during communication at different potential) (When DAPmn= 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0) Remark p: CSIp (p = 00, 01, 10, 11), m: Unit m (m = 0, 1), n: Channel n (n = 0, 1) tKCY1 tKL1 tKH1 Input data Output data tSIK1 tKSI1 tKSO1 SCKp SIp SOp tKCY1 tKH1 tKL1 Input data Output data tSIK1 tKSI1 tKSO1 SCKp SIp SOp |