Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2904WD Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce LM2904WD
Description  Low power dual operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904WD Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button LM2904WD Datasheet HTML 9Page - STMicroelectronics LM2904WD Datasheet HTML 10Page - STMicroelectronics LM2904WD Datasheet HTML 11Page - STMicroelectronics LM2904WD Datasheet HTML 12Page - STMicroelectronics LM2904WD Datasheet HTML 13Page - STMicroelectronics LM2904WD Datasheet HTML 14Page - STMicroelectronics LM2904WD Datasheet HTML 15Page - STMicroelectronics LM2904WD Datasheet HTML 16Page - STMicroelectronics LM2904WD Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
LM2904W
Package information
13/19
5
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19