Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO7230A Fiches technique(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No de pièce ISO7230A
Description  One Megabit per Second Triple Digital Isolators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

ISO7230A Fiches technique(HTML) 13 Page - Texas Instruments

Back Button ISO7230A Datasheet HTML 9Page - Texas Instruments ISO7230A Datasheet HTML 10Page - Texas Instruments ISO7230A Datasheet HTML 11Page - Texas Instruments ISO7230A Datasheet HTML 12Page - Texas Instruments ISO7230A Datasheet HTML 13Page - Texas Instruments ISO7230A Datasheet HTML 14Page - Texas Instruments ISO7230A Datasheet HTML 15Page - Texas Instruments ISO7230A Datasheet HTML 16Page - Texas Instruments ISO7230A Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
PRODUCT NOTIFICATION
ISO7230A
ISO7231A
www.ti.com ........................................................................................................................................................................................................ SLLS906 – MAY 2008
An ISO723xA anomaly occurs when a negative-going pulse below the specified 1
µs minimum bit width is input
to the device. The output locks in a logic-low condition until the next rising edge occurs after a 1
µs period.
Positive noise edges in pulses of less than the minimum specified 1
µs have no effect on the device, and are
properly filtered.
To prevent noise from interfering with ISO723xA performance, it is recommended that an appropriately sized
capacitor be placed on each input of the device
Figure 11. ISO723xA Anomaly
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ISO7230A ISO7231A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17