Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS-BT2416C2_0709 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce GS-BT2416C2_0709
Description  Bluetooth class 2 module with embedded SPP SW
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-BT2416C2_0709 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button GS-BT2416C2_0709 Datasheet HTML 17Page - STMicroelectronics GS-BT2416C2_0709 Datasheet HTML 18Page - STMicroelectronics GS-BT2416C2_0709 Datasheet HTML 19Page - STMicroelectronics GS-BT2416C2_0709 Datasheet HTML 20Page - STMicroelectronics GS-BT2416C2_0709 Datasheet HTML 21Page - STMicroelectronics GS-BT2416C2_0709 Datasheet HTML 22Page - STMicroelectronics GS-BT2416C2_0709 Datasheet HTML 23Page - STMicroelectronics GS-BT2416C2_0709 Datasheet HTML 24Page - STMicroelectronics GS-BT2416C2_0709 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
GS-BT2416C2.AT1
AT command
21/32
A.13
AT+BTERASELK
Erase all link-keys. When all link-keys are erased the module is unpaired from all previously
paired devices.
Syntax: AT+BTERASELK
Return value: <OK, ERROR>
A.14
AT+BTNAME
Set the local Bluetooth name. This name is the string shown to all other Bluetooth devices.
Syntax: AT+BTNAME=”DeviceName”
Parameters:
DeviceName: A string representing the name of the local device.
This string can be long up to 128 characters.
Return value: <OK, ERROR>
A.15
AT+BTCLASS
Set the local Bluetooth Class ID. The Class ID is a 24-bit integer value identifying the type of
device (PC, PDA, Headset, etc.)
Syntax: AT+BTCLASS=DeviceClass
Parameters:
DeviceClass: 24-bit integer value indicating the local device class. This value is
interpreted as an unsigned hexadecimal 24-bit value
Return value: <OK, ERROR>
A.16
AT+BTSETTINGS
Requests the current module settings. The command generates a +BTSETTINGS event.
Syntax: AT+BTSETTINGS=?
Return value: +BTSETTINGS, <OK, ERROR>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32