Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SOLDERLESS_HOLDER Fiches technique(PDF) 2 Page - Bridgelux, Inc.

No de pièce SOLDERLESS_HOLDER
Description  Solderless Holder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BRIDGELUX [Bridgelux, Inc.]
Site Internet  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

SOLDERLESS_HOLDER Fiches technique(HTML) 2 Page - Bridgelux, Inc.

  SOLDERLESS_HOLDER Datasheet HTML 1Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 2Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 3Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 4Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 5Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 6Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 7Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 8Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 9Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Introduction
Bridgelux Solderless Holder Assemblies provide ultimate convenience for simple and reliable solderless connections to
Bridgelux’s LED Arrays.
Bridgelux Solderless Holder is a revolutionary light source system that integrates Bridgelux’s V series COB technology
with poke-in connectivity enabling solder-free installation. Bridgelux Solderless Holder and LED light sources streamline
assembly processes, lower manufacturing cost, simplify luminaire design, improve light quality and increase design
flexibility.
The assembly method provides fast and solderless connections to V Series and Vesta Series LED arrays which greatly
improves production throughput and minimizes possible connection related defect and damage.
Features
• Solderless connection design
• Vertical snap-to-mate connection
• Positive-lock latching feature
• Rigid metal contacts for secure connections
• Springless connections that are less susceptible to
thermal creep and stress relaxation
• More reliable, especially after thousands of use cycles,
for long term reliability improvement
• Halogen-free UL94V-0
• Benefits
• Minimizes handling of arrays during installation,
greatly reducing the possibility of damage.
• Enables a fast, easy and reliable holder to the
LED array
• Provides a slim design for space-limited
applications. Minimizes risk of affecting light
output
• Highly reliable, low contact resistance
• Meets RoHS requirements and is UL-
flammability rated
• Provides design flexibility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14