| Moteur de recherche de fiches techniques de composants électroniques |
|
FP300 Fiches technique(PDF) 2 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
FP300 Fiches technique(HTML) 2 Page - Clarke International |
|
2 / 4 page ![]() 2 Parts & Service: 020 8988 7400/E-mail:Parts@clarkeinternational.com or Service@clarkeinternational.com INTRODUCTION Thank you for purchasing this CLARKE Foot Pump. Before attempting to use the product, it is essential that you read this manual thoroughly and carefully follow all instructions given. In doing so you will ensure the safety of yourself and that of others around you, and you can also look forward to the product giving you long and satisfactory service. ENVIRONMENTAL PROTECTION Do not dispose of this product with general household waste. All tools, accessories and packaging should be sorted, taken to a re-cycling centre and disposed of appropriately. GENERAL SAFETY PRECAUTIONS 1. Always thoroughly familiarise yourself with this product & its operation, and always read and understand the instructions and warnings in this manual before using the product. 2. Never allow children to use the foot pump. 3. Never over-inflate tyres, toys, balls, lilos etc. 4. Always use in a safe area away from traffic and other hazards. 5. Always ensure that tyre pressure checks are carried out to the tyre manufacturers recommended pressures. 6. Never overstretch the connecting hose. USING THE PUMP WARNING: THE GAUGE IS ONLY TO BE USED AS A REFERENCE, ALWAYS CARRY OUT A FINAL CHECK OF THE TYRE PRESSURE WITH A GAUGE CONFORMING TO BS EN 12645. TYRE INFLATION 1. Fully extend the hose and fix the tyre valve connector onto the vehicle tyre valve with the thumb lock, ensuring the valve is clean. • When connected correctly, the gauge will show the current pressure in the tyre. If this is the correct tyre pressure as stated in your vehicle handbook, remove the valve connector. 2. If the tyre is below the recommended pressure (as specified in your vehicle handbook), operate the pump until the pressure is achieved. |