Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMS3 Fiches technique(PDF) 3 Page - Clarke International

No de pièce CMS3
Description  MECHANICS MOBILE SEAT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARKE [Clarke International]
Site Internet  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CMS3 Fiches technique(HTML) 3 Page - Clarke International

  CMS3 Datasheet HTML 1Page - Clarke International CMS3 Datasheet HTML 2Page - Clarke International CMS3 Datasheet HTML 3Page - Clarke International CMS3 Datasheet HTML 4Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
1. Using the hand tools supplied,
assemble as follows.
2. Mount the side supports (2) to the
base assembly with the 14mm bolts
(11), small washers (10), spring
washers (5) and domed nuts (4),
tightening securely.
3. Attach the seat cushion (1) to the
side supports, using the x-headed
machine screws (3).
4. Fix the castors to the frame using the large washers (7)& retaining inserts (6).
Check that all fixings, including those securing the castors and base frame are tight
and secure before using this seat. Your mobile seat is now ready for use.
COMPONENT PARTS OF THE SEAT
No
Description
1
Seat Cushion
2
Side Support
3
Machine Screw
4
Domed Nut
5
Spring Washer
6
Castor Retaining Insert
7
Washer (large)
8
Base Frame
9
Swivel Castor
10
Washer (small)
11
Bolt
12
Plastic Base Tray
FEATURE
RATING
Max Capacity
113 kg
Net Weight
4.35 kg
Dimensions
355 x 375 x 380 mm



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com