| Moteur de recherche de fiches techniques de composants électroniques |
|
M7040N Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M7040N Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 159 page ![]() M7040N 4/159 WRITECOMMAND ... ...... ...... ....... ...... ....... ...... ....... ...... ...... ....35 Single Location WRITE Cycle Timing (Figure 20.) . ....... ...... ....... ...... ...... ....36 BurstWRITE of the Data and Mask Arrays (BLEN = 4) (Figure 21.). ....... ...... ...... .... 37 (Single) WRITEAddress Formatfor Data and Mask Arrays or SRAM (Table 23.) ... ...... ....37 WRITEAddress Formatfor Internal Registers (Table 24.) . . ...... ....... ...... ...... ....38 WRITEAddress Formatfor Data and Mask Array(Burst Write) (Table 25.) . . ...... ...... ....38 Parallel WRITE ... ...... ...... ....... ...... ....... ...... ....... ...... ...... ....38 SEARCH COMMAND . ...... ...... ....... ...... ....... ...... ....... ...... ...... ....38 72-bit Configuration with Single Device . ...... ....... ...... ....... ...... ...... ....38 Hardware Diagram for a Table with One Device (Figure 22.) ...... ....... ...... ...... ....39 72-Bit Configuration SEARCHTiming Diagram for One Device (Figure 23.) . ...... ...... ....40 x72 Table with One Device (Figure 24.) ... ...... ....... ...... ....... ...... ...... ....41 Latency ofSEARCH from Instruction to SRAM Access Cycle, 72-bit (Table 26.) .... ...... ....41 ShiftofSSF and SSV from SADR (Table 27.)..... ....... ...... ....... ...... ...... ....41 72-bit SEARCH on Tables Configured as x72 Using up to Eight M7040N Devices ..... ....42 Hit/Miss Assumption (Table 28.) . . ....... ...... ....... ...... ....... ...... ...... ....43 Hardware Diagram for a Table with Eight Devices(Figure 25.) .... ....... ...... ...... ....43 x72 Table with Eight Devices(Figure 26.) . . ...... ....... ...... ....... ...... ...... ....44 Timing Diagrams for x72 Using up to Eight M7040N Devices...... ....... ...... ...... ....45 Latency ofSEARCH from Instruction to SRAM Access Cycle (Table 29.) ... ...... ...... ....48 ShiftofSSF and SSV from SADR (Table 30.)..... ....... ...... ....... ...... ...... ....48 72-bit Search on Tables Configured as x72 Using Up To 31 M7040N Devices . . ...... ....48 Hit/Miss Assumption (Table 31.) . . ....... ...... ....... ...... ....... ...... ...... ....49 Hardware Diagram for a Table with 31 Devices (Figure 30.) ...... ....... ...... ...... ....50 Hardware Diagram for a Block ofUp To Eight Devices (Figure 31.) . ....... ...... ...... .... 51 x72 Table with 31 Devices (Figure 32.) .... ...... ....... ...... ....... ...... ...... ....52 Timing Diagrams for x72 Using Up To 31 M7040N Devices . ...... ....... ...... ...... .... 53 Latency ofSEARCH from Instruction to SRAM Access Cycle (Table 32.) ... ...... ...... ....64 ShiftofSSF and SSV from SADR (Table 33.)..... ....... ...... ....... ...... ...... ....64 144-bit Configuration with Single Device ...... ....... ...... ....... ...... ...... ....64 Hardware Diagram for a Table with 1 Device (Figure 44.) . . ...... ....... ...... ...... ....65 Timing Diagram for a 144-bit SEARCH for 1 Device (Figure 45.) . . . ....... ...... ...... ....66 x144 Table with One Device (Figure 46.) . . ...... ....... ...... ....... ...... ...... ....67 Latency ofSEARCH from Instruction to SRAM Access Cycle, 144-bit (Table 34.)... ...... ....67 ShiftofSSF and SSV from SADR (Table 35.)..... ....... ...... ....... ...... ...... ....67 144-bit Search on Tables Configured as x144 Using Up to Eight M7040N Devices .... ....68 Hit/Miss Assumption (Table 36.) . . ....... ...... ....... ...... ....... ...... ...... ....69 Hardware Diagram for a Table with Eight Devices(Figure 47.) .... ....... ...... ...... ....69 x144 Table with Eight Devices(Figure 48.) . ...... ....... ...... ....... ...... ...... .... 70 Timing Diagrams for x144 Using Up to Eight M7040N Devices .... ....... ...... ...... ....71 Latency ofSEARCH from Instruction to SRAM Access Cycle, 144-bit (Table 37.)... ...... ....74 ShiftofSSF and SSV from SADR (Table 38.)..... ....... ...... ....... ...... ...... ....74 |