Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F103ZC Fiches technique(PDF) 76 Page - STMicroelectronics

No de pièce STM32F103ZC
Description  Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZC Fiches technique(HTML) 76 Page - STMicroelectronics

Back Button STM32F103ZC Datasheet HTML 72Page - STMicroelectronics STM32F103ZC Datasheet HTML 73Page - STMicroelectronics STM32F103ZC Datasheet HTML 74Page - STMicroelectronics STM32F103ZC Datasheet HTML 75Page - STMicroelectronics STM32F103ZC Datasheet HTML 76Page - STMicroelectronics STM32F103ZC Datasheet HTML 77Page - STMicroelectronics STM32F103ZC Datasheet HTML 78Page - STMicroelectronics STM32F103ZC Datasheet HTML 79Page - STMicroelectronics STM32F103ZC Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 118 page
background image
Electrical characteristics
STM32F103xC, STM32F103xD, STM32F103xE
76/118
Figure 35.
PC-card controller timing for I/O space write access
1.
FSMC_NCE4_2 is high independently of FSMC_NIOIS16 if the AHB transfer is for one byte.
2.
Only data bits 0...7 are driven (bits 8...15 remains HiZ) if FSMC_NIOIS16 is high.
3.
The CF card asserts FSMC_NIOIS16 after tAVISL/H.
4.
FSMC_NWAIT not shown but behaves as in the previous figures.
td(NCE4_1-NIOWR)
td(NCE4_1-NIOIS16)
tw(NIOWR)
tv(NCEx-A)
th(NCE4_1-AI)
tAVISL/H(3)
th(NIOWR-D)
ATTxHIZ =1
tv(NIOWR-D)
ai14900
FSMC_NIOIS16
FSMC_NWE
FSMC_NOE
FSMC_D[15:0](2)
FSMC_A[10:0]
FSMC_NCE4_2
FSMC_NCE4_1
FSMC_NREG
FSMC_NIOWR
FSMC_NIORD
assumes same level as FSMC_NIOS16(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More