Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M7010R Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce M7010R
Description  16K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7010R Fiches technique(HTML) 3 Page - STMicroelectronics

  M7010R Datasheet HTML 1Page - STMicroelectronics M7010R Datasheet HTML 2Page - STMicroelectronics M7010R Datasheet HTML 3Page - STMicroelectronics M7010R Datasheet HTML 4Page - STMicroelectronics M7010R Datasheet HTML 5Page - STMicroelectronics M7010R Datasheet HTML 6Page - STMicroelectronics M7010R Datasheet HTML 7Page - STMicroelectronics M7010R Datasheet HTML 8Page - STMicroelectronics M7010R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
3/67
M7010R
CLOCKS .... ....... ...... ...... ....... ...... ....... ...... ....... ...... .. .... ....18
Registers . ....... ...... ...... ....... ...... ....... ...... ....... ...... ..... . ....18
Clocks (Figure 12.) ...... ...... ....... ...... ....... ...... ....... ...... ...... ....18
Register Overview (Table 8.) ..... ....... ...... ....... ...... ....... ...... ...... ....18
Comparand Registers .... ...... ....... ...... ....... ...... ....... ...... ...... .... 18
Comparand Register Selection During SEARCH and LEARN (Figure 13.)... ...... ...... ....19
Mask Registers ... ...... ...... ....... ...... ....... ...... ....... ...... ...... ....18
Addressing the Global Mask Register (GMR) Array (Figure 14.) ... ....... ...... ...... ....19
SEARCH-Successful Registers. . . ....... ...... ....... ...... ....... ...... ...... ....19
SEARCH-Successful Register (SSR) Description (Table 9.). ...... ....... ...... ...... .... 19
The Command Register .. ...... ....... ...... ....... ...... ....... ...... ...... ....20
Command Register Field Descriptions (Table 10.) . ....... ...... ....... ...... ...... ....20
SEARCH PROCEDURE FOR 32-BIT WIDE PREFIXES ...... ...... ....... ...... ...... ....22
Global MaskRegister Patterns (Figure 15.) ...... ....... ...... ....... ...... ...... ....22
Storing lefthalfofa Data or Mask Array (Figure 16.) ...... ...... ....... ...... ...... ....22
The Information Register .. ...... ....... ...... ....... ...... ....... ...... ...... ....23
Information Register Field Descriptions (Table 11.) ....... ...... ....... ...... ...... ....23
The READ Burst Address Register (RBURREG) . . ....... ...... ....... ...... ...... ....23
READ Burst Register Description (Table 12.) ..... ....... ...... ....... ...... ...... ....23
The WRITE Burst Address Register (WBURREG) . ....... ...... ....... ...... ...... ....23
WRITEBurst Register Description (Table 13.) .... ....... ...... ....... ...... ...... ....23
The NFA Register . ...... ...... ....... ...... ....... ...... ....... ...... ...... ....24
NFARegister (Table 14.). . ...... ....... ...... ....... ...... ....... ...... ...... ....24
SEARCH ENGINE ARCHITECTURE . ....... ...... ....... ...... ....... ...... ...... ....24
Data and Mask Addressing ...... ....... ...... ....... ...... ....... ...... ...... ....24
M7010R Database Configuration (Figure 17.)..... ....... ...... ....... ...... ...... ....25
Bit Position Match (Table 15.) .... ....... ...... ....... ...... ....... ...... ...... ....25
Multi-width Configuration Example (Figure 18.) ... ....... ...... ....... ...... ...... .... 25
M7010R Data and Mask ArrayAddressing (Figure 19.) .... ...... ....... ...... ...... .... 26
COMMAND CODES AND PARAMETERS .... ...... ....... ...... ....... ...... ...... ....27
Command Codes. . ...... ...... ....... ...... ....... ...... ....... ...... ...... ....27
Commandsand Command Parameters ... ...... ....... ...... ....... ...... ...... ....27
Command Codes(Table 16.) .... ....... ...... ....... ...... ....... ...... ...... ....27
Command Parameters (Table 17.) ....... ...... ....... ...... ....... ...... ...... ....27
READ COMMAND.... ...... ...... ....... ...... ....... ...... ....... ...... ...... ....28
Single Location READ Cycle Timing (Figure 20.) . . ....... ...... ....... ...... ...... ....29
BurstREAD of the Data and Mask Arrays (BLEN = 4) (Figure 21.) . ....... ...... ...... ....29
READ Command Parameters (Table 18.) . . ...... ....... ...... ....... ...... ...... ....30
Data and Mask Array, SRAM READ AddressFormat (Table 19.) . . ....... ...... ...... ....30
READ AddressFormat for Internal Registers(Table 20.) ... ...... ....... ...... ...... ....30
READ AddressFormat for Data and MaskArrays (Table 21.) ..... ....... ...... ...... ....31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67