| Moteur de recherche de fiches techniques de composants électroniques |
|
ST3232B Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST3232B Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 18 page ![]() February 2008 Rev 11 1/18 18 ST3232B ST3232C 3 to 5.5 V, low power, up to 400 kbps RS-232 drivers and receivers Features ■ 300 µA supply current ■ 300 kbps minimum guaranteed data rate ■ 6 V/µs minimum guaranteed slew rate ■ Meet EIA/TIA-232 specifications down to 3 V ■ Available in SO-16, SO-16 large and TSSOP16 Description The ST3232 is a 3 V powered EIA/TIA-232 and V.28/V.24 communication interface with low power requirements, high data-rate capabilities. ST3232 has a proprietary low dropout transmitter output stage providing true RS-232 performance from 3 to 5.5 V supplies. The device requires only four small 0.1 mF standard external capacitors for operations from 3 V supply. The ST3232 has two receivers and two drivers. The device is guaranteed to run at data rates of 250 kbps while maintaining RS-232 output levels. Typical applications are Notebook, Subnotebook and Palmtop Computers, Battery Powered Equipment, Hand-Held Equipment, Peripherals and Printers. SO-16 Large TSSOP16 SO-16 Table 1. Device summary Order codes Temp. range Package Packaging ST3232CDR 0 to 70 °C SO-16 (tape and reel) 2500 parts per reel ST3232BDR -40 to 85 °C SO-16 (tape and reel) 2500 parts per reel ST3232CWR 0 to 70 °C SO-16 Large (tape and reel) 1000 parts per reel ST3232BWR -40 to 85 °C SO-16 Large (tape and reel) 1000 parts per reel ST3232CTR 0 to 70 °C TSSOP16 (tape and reel) 2500 parts per reel ST3232BTR -40 to 85 °C TSSOP16 (tape and reel) 2500 parts per reel www.st.com |
Numéro de pièce similaire - ST3232B_08 |
|
Description similaire - ST3232B_08 |