| Moteur de recherche de fiches techniques de composants électroniques |
|
CSA12F Fiches technique(PDF) 4 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CSA12F Fiches technique(HTML) 4 Page - Clarke International |
|
4 / 16 page ![]() 4 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com ASSEMBLY Ensure the press and its components suffered no damage during transit and that all components are present. Should any loss or damage become apparent, please contact your CLARKE dealer immediately. IMPORTANT: Due to the weight of the press components, we recommend that you get assistance during assembly. IMPORTANT: We strongly recommend that the press be firmly secured to a firm and level floor using expansion bolts (not supplied). Holes are provided in the base supports for this purpose. IMPORTANT: Do not locate your press where it will be open to the elements, as severe weather conditions will damage the hydraulic parts. 1. Attach the feet and the bottom cross member to the side supports, using the nuts, bolts and washers. 2. Add the stay bars to each side and bolt into place. 3. Bolt one of the cross beams to the side supports, Attach the ram baseplate to the cross beam, securing it with the socket headed bolt. 4. Add the other cross beam by sliding it along the ram baseplate from one end. 5. Assemble loosely before tightening all the bolts at each end with both spring and flat washers. Position the ram baseplate centrally and lock in position. 6. With the help of an assistant, lift the frame assembly upright and manoeuvre it to its intended location in the workshop. |