Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41T93 Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce M41T93
Description  Serial SPI bus RTC with battery switchover
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button M41T93_07 Datasheet HTML 42Page - STMicroelectronics M41T93_07 Datasheet HTML 43Page - STMicroelectronics M41T93_07 Datasheet HTML 44Page - STMicroelectronics M41T93_07 Datasheet HTML 45Page - STMicroelectronics M41T93_07 Datasheet HTML 46Page - STMicroelectronics M41T93_07 Datasheet HTML 47Page - STMicroelectronics M41T93_07 Datasheet HTML 48Page - STMicroelectronics M41T93_07 Datasheet HTML 49Page - STMicroelectronics M41T93_07 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
Package mechanical information
M41T93
46/51
Figure 22.
QFN16 – 16-lead, quad, flat, no lead, 4x4mm, recommended footprint
1.
Dimensions shown are in millimeters (mm).
2.
Substrate pad should be tied to VSS.
Figure 23.
32kHz crystal + QFN16 vs. VSOJ20 mechanical data
Note:
Dimensions shown are in millimeters (mm).
0.35
2.70
4.50
2.70
AI11815
0.65
0.70
0.325
0.20
(2)
1
2
3
4
AI11816
ST QFN16
SMT
CRYSTAL
VSOJ20
3.9
3.9
1.5
3.2
6.0 ± 0.2
7.0 ± 0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51