Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LS3292 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce SN74LS3292
Description  4-BIT BINARY FULL ADDERS WITH FAST CARRY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74LS3292 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button SN74LS3292 Datasheet HTML 2Page - Texas Instruments SN74LS3292 Datasheet HTML 3Page - Texas Instruments SN74LS3292 Datasheet HTML 4Page - Texas Instruments SN74LS3292 Datasheet HTML 5Page - Texas Instruments SN74LS3292 Datasheet HTML 6Page - Texas Instruments SN74LS3292 Datasheet HTML 7Page - Texas Instruments SN74LS3292 Datasheet HTML 8Page - Texas Instruments SN74LS3292 Datasheet HTML 9Page - Texas Instruments SN74LS3292 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LS283DR
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
SN74LS283NSR
SO
NS
16
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
19-Mar-2008
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10