Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M58WR064 Fiches technique(PDF) 55 Page - STMicroelectronics

No de pièce M58WR064
Description  64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064 Fiches technique(HTML) 55 Page - STMicroelectronics

Back Button M58WR064 Datasheet HTML 51Page - STMicroelectronics M58WR064 Datasheet HTML 52Page - STMicroelectronics M58WR064 Datasheet HTML 53Page - STMicroelectronics M58WR064 Datasheet HTML 54Page - STMicroelectronics M58WR064 Datasheet HTML 55Page - STMicroelectronics M58WR064 Datasheet HTML 56Page - STMicroelectronics M58WR064 Datasheet HTML 57Page - STMicroelectronics M58WR064 Datasheet HTML 58Page - STMicroelectronics M58WR064 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
55/82
M58WR064ET, M58WR064EB
Note: There are two Bank Regions, Region 1 contains all the banks
that are made up of main blocks only, Region 2 contains the
banks that are made up of the parameter and main blocks.
79
32
1B8000-1BFFFF
80
32
1B0000-1B7FFF
81
32
1A8000-1AFFFF
82
32
1A0000-1A7FFF
83
32
198000-19FFFF
84
32
190000-197FFF
85
32
188000-18FFFF
86
32
180000-187FFF
87
32
178000-17FFFF
88
32
170000-177FFF
89
32
168000-16FFFF
90
32
160000-167FFF
91
32
158000-15FFFF
92
32
150000-157FFF
93
32
148000-14FFFF
94
32
140000-147FFF
95
32
138000-13FFFF
96
32
130000-137FFF
97
32
128000-12FFFF
98
32
120000-127FFF
99
32
118000-11FFFF
100
32
110000-117FFF
101
32
108000-10FFFF
102
32
100000-107FFF
103
32
0F8000-0FFFFF
104
32
0F0000-0F7FFF
105
32
0E8000-0EFFFF
106
32
0E0000-0E7FFF
107
32
0D8000-0DFFFF
108
32
0D0000-0D7FFF
109
32
0C8000-0CFFFF
110
32
0C0000-0C7FFF
111
32
0B8000-0BFFFF
112
32
0B0000-0B7FFF
113
32
0A8000-0AFFFF
114
32
0A0000-0A7FFF
115
32
098000-09FFFF
116
32
090000-097FFF
117
32
088000-08FFFF
118
32
080000-087FFF
119
32
078000-07FFFF
120
32
070000-077FFF
121
32
068000-06FFFF
122
32
060000-067FFF
123
32
058000-05FFFF
124
32
050000-057FFF
125
32
048000-04FFFF
126
32
040000-047FFF
127
32
038000-03FFFF
128
32
030000-037FFF
129
32
028000-02FFFF
130
32
020000-027FFF
131
32
018000-01FFFF
132
32
010000-017FFF
133
32
008000-00FFFF
134
32
000000-007FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82